PART |
Description |
Maker |
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|
NCV8537MN500R2G NCV8537MN330R2G |
500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
|
ON Semiconductor
|
NCP3335DMR2285G NCP3335DMR2250G NCP3335DMR2330G NC |
High Accuracy Ultra−low Iq, 500 mA Low Dropout Regulator High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ADP3339 ADP3339AKC-18 ADP3339AKC-25 ADP3339AKC-285 |
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO4 High-Accuracy Ultralow Iq, 1.5 A, anyCAPLow Dropout Regulator High-Accuracy Ultralow Iq, 1.5 A, anyCAP?Low Dropout Regulator High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ 1.5 A anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ/ 1.5 A/ anyCAP Low Dropout Regulator Circular Connector; No. of Contacts:24; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:24-24 RoHS Compliant: No Circular Connector; No. of Contacts:85; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-2 RoHS Compliant: No JT 85C 85#22 PIN RECP JT 100C 100#22D SKT RECP 0.3-8.5V; high-accuracy ultralow Ig, 1.5A, anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems, PCMCIA regulator
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
LTC1068-50 10685I |
Low Power, High Accuracy Quad Universal Filter Building Block From old datasheet system
|
Linear
|
MAX688 MAX688CPA MAX688CSA MAX688CUA MAX688EPA MAX |
(103.27 k) High-Accuracy, Low-Dropout Linear Regulators From old datasheet system High-Accuracy / Low-Dropout Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX801L05 MAX808MJA MAX801CPA MAX801CSA MAX801EPA |
8-Pin uP Supervisory Circuits with 卤1.5% Reset Accuracy 8-Pin uP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Maxim Integrated Products, Inc.
|
|